Part Number Hot Search : 
S1215 1ZC24A B2567 PSSX400 H2215C PXB4220 IRF3709Z C18LF
Product Description
Full Text Search
 

To Download 2SK198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Junction FETs (Small Signal)
2SK198
Silicon N-Channel Junction FET
For low-frequency amplification
2.8 -0.3
+0.2
unit: mm
0.650.15
s Features
q High mutual conductance gm q Low noise type q Mini-type package, allowing downsizing of the sets and automatic insertion through the tape/magazine packing.
0.650.15
1.5 -0.05
+0.25
0.95
2.9 -0.05
1
1.90.2
+0.2
0.95
3
0.4 -0.05
+0.1
s Absolute Maximum Ratings (Ta = 25C)
Parameter Drain to Source voltage Gate to Drain voltage Drain current Gate current Allowable power dissipation Channel temperature Storage temperature Symbol VDSX VGDO ID IG PD Tch Tstg Ratings 30 -30 20 10 150 150 -55 to +150 Unit
0.8
2
1.45
V V mA mA mW C C
+0.2 1.1 -0.1
1: Source 2: Drain 3: Gate
JEDEC: TO-236 EIAJ: SC-59 Mini Type Package (3-pin)
Marking Symbol (Example): 1O
s Electrical Characteristics (Ta = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Gate to Source cut-off voltage Mutual conductance Symbol IDSS IGSS VGSC gm
*
Conditions VDS = 10V, VGS = 0 VGS = -30V, VDS = 0 VDS = 10V, ID = 10A VDS = 10V, ID = 0.5mA, f = 1kHz VDS = 10V, VGS = 0, f = 1kHz VDS = 10V, VGS = 0, f = 1MHz VDS = 30V, ID = 1mA, GV = 80dB Rg = 100k, Function = FLAT
min 0.5 - 0.1 4
typ
0 to 0.1
0.1 to 0.3 0.40.2
max 12 -100 -1.5
0.16 -0.06
+0.1
Unit mA nA V mS pF pF mV
13 14 3.5 60
Input capacitance (Common Source) Ciss Reverse transfer capacitance (Common Source) Crss Noise figure NV
*
IDSS rank classification Runk IDSS (mA) P 0.5 to 3 1OP Q 2 to 6 1OQ R 4 to 12 1OR
Marking Symbol
1
Silicon Junction FETs (Small Signal)
PD Ta
240 8 Ta=25C 7 200 8.0
2SK198
ID VDS
9.6 VDS=10V
ID VGS
Allowable power dissipation PD (mW)
Drain current ID (mA)
160
VGS=0V 5 4 - 0.1V 3 2 1 - 0.2V - 0.3V - 0.4V
Drain current ID (mA)
6
6.4
120
4.8
80
3.2 Ta=75C 1.6 25C -25C
40
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 -1.0
- 0.8
- 0.6
- 0.4
- 0.2
0
Ambient temperature Ta (C)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
gm VGS
20 VDS=10V Ta=25C 20
g m ID
10
Ciss, Coss VDS
Input capacitance (Common source), Output capacitance (Common source) Ciss,Coss (pF)
VDS=10V Ta=25C f=1MHz VGS=-3V Ta=25C 8
Mutual conductance gm (mS)
16
Mutual conductance gm (mS)
IDSS=5.0mA 16
12
12 2.0mA 8
6
Ciss
8 IDSS=5.0mA
4
4 2.0mA 0 - 0.8
4
2
Coss
0 - 0.6 - 0.4 - 0.2 0 0 1 2 3 4 5 6 7 8
0 1 3 10 30 100
Gate to source voltage VGS (V)
Drain current ID (mA)
Drain to source voltage VDS (V)
Crss VDS
Reverse transfer capacitance (Common source) Crss (pF)
5 VGS=-3V f=1MHz Ta=25C 4 12
NF f
VDS=10V ID=5.2mA Ta=25C
10
Noise figure NF (dB)
8
3
6 Rg=500
2
4
1
2 1k
0 1 3 10 30 100
0 1 10
102
103
105
Drain to source voltage VDS (V)
Frequency f (Hz)
2


▲Up To Search▲   

 
Price & Availability of 2SK198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X